PART |
Description |
Maker |
87758-3217 87758-0616 87758-5017 87758-1817 87758- |
2mm MGrid VHdr .76AuLF 32Ckt 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2mm; Number of Rows:2; Series:87758; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm MGrid VHdr .76AuLF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid VHdr .76AuLF 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2X1 M STR AU 2MMLS 0W 4MMH 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 2MM VERT GOLD
|
Molex, Inc. MOLEX INC
|
A3D-04DA-2DSE A3D-08DA-2DSE A3D-12DA-2DSE A3D-10DA |
2mm Pitch Miniature Connector
|
Hirose Electric
|
DF2-9P-2.5C DF2-10P-2.5C DF2-11P-2.5C DF2-12P-2.5C |
2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard) 2.5毫米间距连接器直接安装在局(产品符合UL / CSA标准 CAT 5 SOLID PVC CABLE STRGHT PIN, 100 MHZ-BLUE
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
A3-GPIN A4B-05PA-2DSA A3C-16DA-2DSC A4B-15PA-2DSA |
2mm Pitch Miniature Connector 2mm Pitch Miniature Connector
|
List of Unclassifed Man...
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
15-28-6247 15-28-6106 15-24-6241 15-24-6106 |
HEADER,STRAIGHT,2X12POS,.165"X217"C 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-42440-1032 V-2 10Ckt Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Series:42440; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
15-06-0066 15-06-0106 |
MiniFit BMI Plug Hsg Pan Mt V-0 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Number of Contacts:10; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Contact Termination:Crimp 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
SPR-325 SPR-325MVW |
Directly mountable, two-color LEDs (5.0 mm) 直接挂载,双色发光二极管(フ5.0毫米 DUAL COLOR LED, RED/GREEN, 3.2 mm Directly mountable, two-color LEDs (フ5.0 mm) Directly mountable, two-color LEDs (Φ5.0 mm)
|
Rohm Co., Ltd. Vicor, Corp. ROHM[Rohm]
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
87264-3852 87264-3453 87264-3452 87264-3653 87264- |
CONN RECEPT 2MM 38POS SIDE ENTRY 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 34Ckt 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 34POS SIDE ENTRY 34 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .76AuLF 36Ckt 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 36POS SIDE ENTRY 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 2mm MGrid Rcpt S/E RA .38AuLF 14Ckt 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE CONN RECEPT 2MM 16POS SIDE ENTRY 16 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
53015-0210 |
Header; No. of Contacts:2; Pitch Spacing:2mm; No. of Rows:1; Series:53015; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin
|
Molex
|
|